Part Number Hot Search : 
24128 AC10F CA2902E D42C3 6407A ISL59 100LT DG417L
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N4148-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/116 * SWITCHING DIODE * HERMETICALLY SEALED * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION
1N4148-1
MAXIMUM RATINGS
Operating Temperature: -65C to +200C Storage Temperature: -65C to +200C Operating Current: 200 mA @ TA = +25C Derating Factor: 1.14 mA/C Above TA = + 25C Surge Current A: 2A, sine wave, Pw = 8.3ms Surge Current B: 1.41A, square wave, Pw = 8.3ms
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
Vf 1 Vf 2 @I F = 10 mA @I F = 100 mA t rr
VBR @100A
V RWM
I0
Volts 100
Volts (pk) 75
mA 200
V dc 0.8
V dc 1.2
n sec 5
FIGURE 1
I R1 @ 20 V dc
I R2 @ 75 V dc
I R3 @ 20 V TA = 150C
I R4 @ 75 V TA = 150C A 75
CAPACITANCE @0V
CAPACITANCE @ 1.5 V
DESIGN DATA
CASE: Hermetically sealed glass case per MIL-S-19500/116 D0-35 outline LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJL): 250 C/W maximum at L = .375 THERMAL IMPEDANCE: (ZOJX): 70 C/W maximum POLARITY: Cathode end is banded. MOUNTING POSITION: Any.
nA 25
A 0.5
A 35
pF 4.0
pF 2.8
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
IN4148-1
1000
100 IF - Forward Current - (mA)
10
10 0C
15 0 C
1
25
C
0.1 .3 .4 .5 .6 .7 .8 .9 1.0 VF - Forward Voltage (V) FIGURE 2 Typical Forward Current vs Forward Voltage 1.1 1.2 1.3
1000
100
150C
10
IR - Reverse Current - (A)
100C
1
0.1
25C
.01
-65C
-65C
NOTE : .001 20 40 60 80 100 120 140 Percent of Reverse Working Voltage (%) FIGURE 3 Typical Reverse Current vs Reverse Voltage
All temperatures shown on graphs are junction temperatures


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X